Part Number Hot Search : 
34130 X1935 UA741M 4745A D2002AL HPR107 STA524A CEM830
Product Description
Full Text Search
 

To Download 2SD2504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SD2504
Silicon NPN epitaxial planer type
Unit: mm
For low-frequency power amplification s Features
0.70.1
5.00.2
4.00.2
0.70.2 12.90.5
* Low collector to emitter saturation voltage VCE(sat) * Large collector current IC
s Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Note) *: t = 380 sec
*
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Rating 15 10 10 9 5 750 150 -55 to +150
Unit V V V
2.30.2
0.45+0.15 -0.1 2.5+0.6 -0.2 1 23 2.5+0.6 -0.2 0.45+0.15 -0.1
A A mW C C
5.10.2
1: Emitter 2: Collector 3: Base TO-92-B1 Package
Marking Symbol: 3C
s Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Symbol ICBO ICEO Emitter cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio * Collector to emitter saturation voltage * Collector output capacitance Transition frequency Note) *: Pulse measurement IEBO VCEO VEBO hFE1 hFE2 VCE(sat) Cob fT Conditions VCB = 10 V, IE = 0 VCE = 5 V, IB = 0 VEB = 5 V, IC = 0 IC = 1 mA, IB = 0 IE = 10 A, IC = 0 VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 2 A IC = 3 A, IB = 0.1 A VCB = 20 V, IE = 0, f = 1 MHz VCB = 6 V, IE = -50 mA, f = 200 MHz 10 10 300 195 0.28 45 170 0.5 65 V pF MHz 800 Min Typ Max 0.1 1.0 0.1 A V V Unit A
Publication date: March 2002
SJC00267CED
1
2SD2504
PC Ta
800
IC VCE
4.0 3.5 Ta = 25C IB = 10 mA 9 mA 8 mA 7 mA 2.5 2.0 1.5 1.0 0.5 0 6 mA 5 mA 4 mA 3 mA 2 mA 1 mA
0 1.2 VCE = 2 V
IC VBE
Collector power dissipation PC (mW)
700
1.0
Collector current IC (A)
Collector current IC (A)
600 500 400 300 200 100 0
3.0
0.8 Ta = 85C 25C 0.4 -25C
0.6
0.2
0
40
80
120
160
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC I B
Collector to emitter saturation voltage VCE(sat) (V)
0.5 0.45 0.4 VCE = 2 V Ta = 25C
VCE(sat) IC
10 3 1 Ta = 85C 0.3 25C 0.1 0.03 0.01 -25C IC / IB = 30
800 700
hFE IC
VCE = 2 V Ta = 85C
Forward current transfer ratio hFE
Collector current IC (A)
600 500 400 300 200 100 0 0.001
0.35 0.3 0.25 0.20 0.15 0.1 0.05 0 0 0.2 0.4 0.6 0.8 1.0 1.2
25C
-25C
0.003 0.001 0.1
0.3
1
3
10
0.01
0.1
1
10
100
Base current IB (mA)
Collector current IC (A)
Collector current IC (A)
Cob VCB
1 000
Collector output capacitance Cob (pF)
f = 1 MHz Ta = 25C
100
10
1
5
10
15
20
25
30
Collector to base voltage VCB (V)
2
SJC00267CED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SD2504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X